PART |
Description |
Maker |
SSW4N60B SSI4N60B SSI4N60BTU SSW4N60BTM |
600V N-Channel MOSFET 4 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263 600V N-Channel B-FET / Substitute of SSI4N60A 600V N-Channel B-FET / Substitute of SSW4N60A
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STF9NK60ZD STB9NK60ZD STB9NK60ZDT4 STP9NK60ZD |
N-CHANNEL 600V - 0.85 OHM - 7A TO-220/TO-220FP/D2PAK FAST DIODE SUPERMESH MOSFET N-CHANNEL 600V - 0.85OHM - 7A TO-220/TO-220FP/DPAK SUPERFREDMESH MOSFET From old datasheet system N-CHANNEL 600V - 0.85? - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET N-CHANNEL 600V - 0.85 - 7A TO-220/TO-220FP/DPAK SuperFREDMesh MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STN1HNC60 |
N-CHANNEL 600V 7 OHM 0.4A SOT-223 POWERMESH II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMeshII MOSFET N-CHANNEL 600V - 7ohm - 0.4A - SOT-223 PowerMesh⑩II MOSFET N沟道600V 7ohm - 0.4A - SOT - 223封装MOSFET的第二PowerMesh
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IRFBC20 |
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
IRFBC30S IRFBC30L |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=3.6A)
|
IRF[International Rectifier]
|
IRFBC40 |
CAP CER 1000PF 100V 20% X7R 0603 6.2 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6.2A/ 600V/ 1.200 Ohm/ N-Channel Power MOSFET 6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
STQ1NC60R |
N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH?II Power MOSFET N-CHANNEL 600V 12 OHM 0.3A TO-92 POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 0.3A TO-92 PowerMESH⑩II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STD1LNC60 STD1LNC60-1 |
N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH⑩II MOSFET N沟道600V 12ohm - 1A像是iPak / DPAK封装MOSFET的第二PowerMESH N-CHANNEL 600V 12 OHM 1A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?II MOSFET
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FCH20N60NBSP FCA20N60NBSP FCH20N60 FCA20N60 |
600V N-Channel SuperFET 600V N-Channel MOSFET From old datasheet system
|
Fairchild Semiconductor
|
FQPF10N60C FQP10N60C |
600V N-Channel Advance Q-FET C-Series 600V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFPC40 IRFPC40PBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
|
IRF[International Rectifier]
|